PART |
Description |
Maker |
TBB202G |
ECL SERIES, PRESCALER, PDSO8
|
SIEMENS A G
|
HMMC-3124-TR1 |
3124 SERIES, PRESCALER, PDSO8
|
AGILENT TECHNOLOGIES INC
|
SP8680BDG |
8680 SERIES, PRESCALER, CDIP16
|
ZARLINK SEMICONDUCTOR INC
|
SY10EP32VZG |
5V/3.3V ± 2 DIVIDER 10EP SERIES, PRESCALER, PDSO8
|
Micrel Semiconductor, Inc.
|
FST34X2245QSPXNL FST34X2245_05 FST34X2245 FST34X22 |
32-Bit Bus Switch with 25 Ohm Series Resistor in Outputs 32-Bit Bus Switch with 25ohm Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FST162245 FST162245MTD FST162245MTDX |
16-Bit Bus Switch with 25 Series Resistors in Outputs 16-Bit Bus Switch with 25з Series Resistors in Outputs 16-Bit Bus Switch with 25???? Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 6.10 MM, MO-153, TSSOP-48
|
Fairchild Semiconductor, Corp.
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
74ABT162240 74ABT162240DGG 74ABT162240DL BT162240D |
16-bit inverting buffer/driver with 30ohm series termination resistors ABT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 16-Bit Inverting Buffer/Driver With 30Ω Series Termination Resistors(0Ω系列电阻6位反相缓冲器/驱动 Octal bus transceivers 20-SOIC 0 to 70
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|